Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 71Page - Infineon Technologies AG XC2000 Datasheet HTML 72Page - Infineon Technologies AG XC2000 Datasheet HTML 73Page - Infineon Technologies AG XC2000 Datasheet HTML 74Page - Infineon Technologies AG XC2000 Datasheet HTML 75Page - Infineon Technologies AG XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-13
V1.0, 2007-06
MemoryX2K, V1.1
Data Integrity
The PSRAM contains its own parity generation and comparison logic. It generates the
parity bits for every written byte. When reading data it checks the data integrity by
comparing the read parity bits with calculated parity bits.
If enabled parity errors can trigger a trap (see “Memory Parity Error Handling” on
Page 3-77).
Write Protection
As the PSRAM is often used to store timing critical code or constant data it is supplied
with a write protection. After storing critical data in the PSRAM the register field
IMB_IMBCTRH.PSPROT can be used to split the PSRAM into a read-only and a
writable part. Write accesses to the read-only part are blocked and a trap can be
activated.
3.4.2
Non-Volatile Program Memory (Flash)
The XC2000 provides 764 Kbytes of program Flash (C0’0000H … CB’FFFFH). Code and
data fetches are always 64-bit aligned, using byte select lines for word and byte data.
Any word or byte data in the program memory can be accessed via indirect or long 16-
bit addressing modes, if the selected DPP register points to one of the respective data
pages. Any word data access is made on an even byte address. The highest possible
word data storage location in the program memory is CB’FFFEH.
For PEC data transfers, the program memory can be accessed independent of the
contents of the DPP registers via the PEC source and destination pointers.
Note: The program memory is not bit-addressable.
An area of 2 Mbytes is dedicated to program memory (C0’0000H … DF’FFFFH). The
locations without implemented program memory are reserved.
A more detailed description can be found in “Embedded Flash Memory” on
Page 3-18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com