Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-63
V1.0, 2007-06
MemoryX2K, V1.1
3.10.2.2
System Control Registers
These registers are used to wakeup and shutdown parts of the memory sub-system.
Memory Kernel Configuration
This register controls the shutdown request of the processor sub-system units DMU,
PMU, IMB and EBC (see “Processor Sub-System Shutdown” on Page 3-67). The
layout of this register is identical to the other KSCCFGs but only the field COMCFG may
be used. Two values of this field might be used: 00B means that the “Clock-off Mode”
does not trigger a shutdown of the processor sub-system. This may be used only if the
system clock of DMP_1 is not disabled in the “Clock-off Mode”.
The second useful value is 10B. This value must be used in all cases when the “Clock-
off Mode” is accompanied by disabling the system clock of the DMP_1. In this case the
sequence described in “Processor Sub-System Shutdown” on Page 3-67 must be
performed.
This register gets is reset by an Application Reset. Attention: the reset value of
COMCFG is 00B.
Table 3-8
Registers Address Space
Module
Base Address
End Address
Note
SCU
0000H
0FFFH
SCU Module
Table 3-9
Registers Overview
Register Short
Name
Register Long Name
Offset
Address
Page Number
MEM_KSCCFG Memory Kernel Control
F012H
Page 3-63
FL_KSCCFG
Flash Kernel Control
FE22H
Page 3-64
MEM_KSCCFG
Memory Kernel State Con
ESFR (F012H/06H)
Reset Value: 0001H
15
14
13
12
11
10
98
76
543
210
BP
COM
–
COMCFG
–
–––
––
––
1
w
–
rw
–
–––
––
––
rw
Field
Bits
Type
Description
1
0
rw
Has to be written to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com