Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 126 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 126 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-64
V1.0, 2007-06
MemoryX2K, V1.1
Flash Kernel Configuration
This register controls the power-down request of the flash module. When configuring this
register care must be taken not to enable a powered-down flash module when the
operating voltage is not sufficient. In this case all CFG fields should contain 10B.
This register is reset by an Application Reset.
COMCFG
[13:12] rw
Clock Off Mode Configuration
This bit field defines if the shutdown request is
activated in clock-off mode.
If COMCFG[13] is 1 the shutdown request is
activated in clock-off mode (i.e. CR = 10).
COMCFG[12] has no functionality.
BPCOM
15
w
Bit Protection for COMCFG
This bit enables the write access to the bit field
COMCFG. It always reads 0. It is only active during
the write access cycle.
0
The bit field COMCFG is not changed.
1
The bit field COMCFG is updated with the
written value.
FL_KSCCFG
Flash Kernel State Con.
SFR (FE22H/11H)
Reset Value: 0001H
15
14
13
12
11
10
98
76
543
210
BP
COM
–COMCFG
BP
SUM
–
SUMCFG
BP
NOM
–NOMCFG
–
BP
MOD
EN
MOD
EN
w
–
rw
w
–
rw
w
–
rw
–
wrw
Field
Bits
Type
Description
MODEN
0rw
Module Enable
This bit can directly set the power-down request.
0
The power-down request is activated.
1
This field has no effect.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com