Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 129 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 129 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-67
V1.0, 2007-06
MemoryX2K, V1.1
3.10.3
Startup, Shutdown
This section describes only shortly the shutdown and wake-up of the memory and
processor sub-system. The use of this functionality is delicate and should be done with
a software low-level driver according to Infineon recommendations.
3.10.3.1
Processor Sub-System Shutdown
The IMB with its memories PSRAM and the Flash memory is — from a programmers
point of view — part of the processor sub-system. This contains additionally the CPU
with its memories, the DMU, the PMU, and the EBC. All these modules must be active
(i.e. have a sufficient power supply and a running clock) to execute software.
Consequently,
their
shutdown
is
controlled
by
a
common
KSCCFG
called
MEM_KSCCFG (see Page 3-63).
Before stopping the system clock or performing a power mode change the complete
processor sub-system must be shutdown cleanly. This requires the following steps:
•
The CPU executes the IDLE instruction. This instruction cleans up the processor
pipeline and the CPU stops fetching instructions. After that the idle state is reported
to the system control unit specifically the PSC (see “Power State Controller (PSC)”
on Page 6-128).
•
The PSC must be configured so that — triggered by the IDLE — it performs a
sequence A transition. The sequence A entry triggers the “Clock-off Mode” request
by the GSC.
•The MEM_KSCCFG.COMCFG must be set to 10B so that the “Clock-off Mode”
request of the GSC activates the shutdown request of the processor sub-system
modules DMU, PMU, IMB and EBC. These acknowledge the request after finishing
all outstanding tasks.
•
The PSC can after that disable the system clock of DMP_1.
The system control unit must not be configured to disable the system clock without
performing this sequence. The danger is that the clock is switched off before the last
tasks of the processor sub-system have finished. Mainly affected are the following longer
lasting tasks:
•
Write accesses to the PSRAM: the last write access could be dropped.
•
Longer lasting processes in the Flash (e.g. erase sector, program page, …).
•
Write accesses via the EBC (e.g. to slow external memories): switching off the clock
while the external bus is active could even lead to timing violations at external
memories with loss of data.
The details of the registers MEM_KSCCFG and the FL_KSCCFG are described in
“System Control Registers” on Page 3-63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com