Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 130 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 130 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG XC2000 Datasheet HTML 134Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-68
V1.0, 2007-06
MemoryX2K, V1.1
3.10.3.2
Flash Module Power-Down
Before the power supply voltage of the IMB is reduced below 1.5 V the flash arrays must
be powered down. The SCU controls the flash power-down with a dedicated kernel state
control register, the FL_KSCCFG. The flash power-down is requested by the SCU when
FL_KSCCFG.MODEN is 0 (the flash is disabled) or in case of a global clock-off mode
when the field FL_KSCCFG.COMCFG contains “10” or “11”. If the MSB of the SUMCFG
or NOMCFG is 1 the flash power-down can also be requested in normal mode or
suspend mode.
A power-down request by the SCU is forwarded by the IMB Core to all flash modules.
The rest of the IMB is not affected by a flash power-down. So the device can continue
operation with the PSRAM. The IMB Core waits until all running processes have finished
in the flash modules before it acknowledges the power-down request. If the IMB Core
has received the beginning of a command sequence and is waiting for the rest when
receiving the power-down request it resets it command interpreter and performs a
“Reset to Read”. All accesses arriving after or with the power down request are ignored
(read accesses return default data as defined for not-implemented memory ranges —
see Table 3-10 “IMB Error Reporting” on Page 3-69). Accesses arriving after or with
a power down request should be considered as system control failure. Either the SCU
hardware or its low-level drivers must ensure that this case does not happen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com