Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 134 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 134 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG XC2000 Datasheet HTML 134Page - Infineon Technologies AG XC2000 Datasheet HTML 135Page - Infineon Technologies AG XC2000 Datasheet HTML 136Page - Infineon Technologies AG XC2000 Datasheet HTML 137Page - Infineon Technologies AG XC2000 Datasheet HTML 138Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-72
V1.0, 2007-06
MemoryX2K, V1.1
3.11.2
Stand-By RAM Registers
This section describes the SBRAM register interface in detail.
3.11.2.1
SBRAM Read Address Register
This register defines the word location to be read.
Reset by Power-On Reset.
SBRAM_RADD
SBRAM Read Address Register SFR (FEDCH/6EH)
Reset Value: 0000H
15
14
13
12
11
10
98
76
543
210
MOD WA
0
RPTR
0
rwh
rwh
r
rwh
r
Field
Bits
Type
Description
RPTR
[9:1]
rwh
Read Pointer
Selects the word address to be read from the
SBRAM. It is automatically incremented by 1 (i.e. to
the next word) when register DATA1 is read.
WA
14
rwh
Wrap Around
This bit indicates if a wrap-around of the read pointer
RPTR occurred due to the automatic address
increment.
0
An address wrap-around has not occurred.
1
An address wrap-around has been detected. It
has to be cleared by SW.
MOD
15
rwh
Modification
This bit indicates whether the last read access to
SBRAM data lead to an automatic increment of
RPTR.
0
The last data read access was done to DATA0
and RPTR was not modified automatically.
1
The last data read access was done to DATA1
and RPTR was automatically incremented by
1.
0
0,
[13:10]
r
Reserved
Read as 0; should be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com