Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG XC2000 Datasheet HTML 134Page - Infineon Technologies AG XC2000 Datasheet HTML 135Page - Infineon Technologies AG XC2000 Datasheet HTML 136Page - Infineon Technologies AG XC2000 Datasheet HTML 137Page - Infineon Technologies AG XC2000 Datasheet HTML 138Page - Infineon Technologies AG XC2000 Datasheet HTML 139Page - Infineon Technologies AG XC2000 Datasheet HTML 140Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-74
V1.0, 2007-06
MemoryX2K, V1.1
3.11.2.3
SBRAM Data Register 0
This register delivers the read data and is the target for the write data without
modification of the respective address pointer.
Reset by Power-On Reset.
SBRAM_DATA0
SBRAM Data Register 0
SFR (FEE0H/70H)
Reset Value: 0000H
15
14
13
12
11
10
98
76
543
210
DATA
rwh
Field
Bits
Type
Description
DATA
[15:0]
rwh
SBRAM Data
This bit field contains the data read during the latest
SBRAM read access and is the target for the data to
be written to SBRAM.
A read access always delivers the data stored in the
SBRAM at the address indicated by the read pointer
RADD.RPTR.
A write access of (at least) the low byte leads to the
storage of the written data at the address indicated
by the write pointer WADD.WPTR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com