Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 135 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 135 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 131Page - Infineon Technologies AG XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG XC2000 Datasheet HTML 134Page - Infineon Technologies AG XC2000 Datasheet HTML 135Page - Infineon Technologies AG XC2000 Datasheet HTML 136Page - Infineon Technologies AG XC2000 Datasheet HTML 137Page - Infineon Technologies AG XC2000 Datasheet HTML 138Page - Infineon Technologies AG XC2000 Datasheet HTML 139Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-73
V1.0, 2007-06
MemoryX2K, V1.1
3.11.2.2
SBRAM Write Address Register
This register defines the word location to be written.
Reset by Power-On Reset.
SBRAM_WADD
SBRAM Write Address Register SFR (FEDEH/6FH)
Reset Value: 0000H
15
14
13
12
11
10
98
76
543
210
MOD WA
0
WPTR
0
rwh
rwh
r
rwh
r
Field
Bits
Type
Description
WPTR
[9:1]
rwh
Write Pointer
Selects the write word address within the SBRAM.
It is automatically incremented by 1 if register DATA1
is written.
WA
14
rwh
Wrap-Around
This bit indicates if a wrap-around of the write pointer
WPTR occurred due to the automatic address
increment.
0
An address wrap-around has not occurred.
1
An address wrap-around has been detected. It
has to be cleared by SW.
MOD
15
rwh
Modification
This bit indicates whether the last write access to
SBRAM data lead to an automatic increment of
WPTR.
0
The last data write access was done to DATA0
and WPTR was not modified automatically.
1
The last data write access was done to DATA1
and WPTR was automatically incremented by
1.
0
0,
[13:10]
r
Reserved
Read as 0; should be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com