Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-65
V1.0, 2007-06
MemoryX2K, V1.1
BPMODEN
1w
Bit Protection for MODEN
This bit enables the write access to the bit MODEN.
It always reads 0. It is only active during the write
access cycle.
0
The bit MODEN is not changed.
1
The bit MODEN is updated with the written
value.
NOMCFG
[5:4]
rw
Normal Operation Mode Configuration
This bit field defines if the power-down request is
activated in normal operation mode.
If NOMCFG[5] is 1 the power-down request is
activated in normal mode (i.e. CR = 00 or 11).
NOMCFG[4] has no functionality.
BPNOM
7w
Bit Protection for NOMCFG
This bit enables the write access to the bit field
NOMCFG. It always reads 0. It is only active during
the write access cycle.
0
The bit field NOMCFG is not changed.
1
The bit field NOMCFG is updated with the
written value.
SUMCFG
[9:8]
rw
Suspend Mode Configuration
This bit field defines if the power-down request is
activated in suspend mode (which makes only sense
if it is activated in normal mode as well).
If SUMCFG[9] is 1 the power-down request is
activated in shutdown mode (i.e. CR = 01).
SUMCFG[8] has no functionality.
BPSUM
11
w
Bit Protection for SUMCFG
This bit enables the write access to the bit field
SUMCFG. It always reads 0. It is only active during
the write access cycle.
0
The bit field SUMCFG is not changed.
1
The bit field SUMCFG is updated with the
written value.
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com