Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-61
V1.0, 2007-06
MemoryX2K, V1.1
Protection Configuration
Protection configuration register of each implemented flash module. In XC2000
PROCON0, PROCON1 and PROCON2 are implemented. PROCON0 is described
below. PROCON1 (at address FF’0012H) and PROCON2 (at address FF’F014H) have
the same functionality for the other two flash modules. The logical sector numbering is
depicted in Figure 3-6.
Each bit of the PROCONs is related to a logical sector. If it is cleared the write access to
the corresponding logical sector (this means to the range of physical sectors) is locked
under the conditions that are documented in “Protection Handling Details” on
Page 3-38. The PROCON registers are exclusively modified by the IMB Core.
Reset by Application Reset.
IMB_MAR
Margin Control
ISFR (FF FF0CH)
Reset value: 0000H
15
14
13
12
11
10
9
8765
432
10
–––
––––
HREAD2
HREAD1
HREAD0
–––
––––
rh
rh
rh
Field
Bits
Typ Description
HREAD0
[2:0]
rh
Hard Read 0
Active read margin of flash module 0.
“000”:Normal read.
“001”:Hard read 0.
“010”: Alternate hard read 0 (usually harder than
001).
“101”:Hard read 1.
“110”: Alternate hard read 1 (usually harder than
101).
other codes:Reserved.
HREAD1
[5:3]
rh
Hard Read 1
Same for flash module 1.
HREAD2
[8:6]
rh
Hard Read 2
Same for flash module 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com