Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-58
V1.0, 2007-06
MemoryX2K, V1.1
Field
Bits
Typ Description
PROG
0
rh
Program Task Indication
This bit is set when a program task is started. The
affected flash module is indicated by a BUSY bit.
The PROG bit is not automatically reset but must be
cleared by a “Clear Status” command. This bit is not
cleared by an Application Reset but only by a
System Reset.
ERASE
1
rh
Erase Task Indication
This bit is set when an erase task is started. The
affected flash module is indicated by a BUSY bit.
The ERASE bit is not automatically reset but must be
cleared by a “Clear Status” command. This bit is not
cleared by an Application Reset but only by a
System Reset.
POWER
2
rh
Power Change Indication
This bit indicates that a flash module is in its startup
phase or in a shutdown phase. The BUSY bits
indicate which flash module is busy. This bit is not
automatically reset but must be cleared by a “Clear
Status” command.
MAR
3
rh
Margin Change Indication
If a read margin modification is requested this bit is
set together with the corresponding BUSY bit. The
BUSY bit is cleared when the margin change is
effective and the flash module can be read again.
The MAR bit must be cleared by a “Clear Status”
command.
SQER
4
rh
Sequence Error
This bit is set by a errored command sequence or a
command that is not accepted. It is cleared by “Clear
Status” and “Reset to Read”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com