Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-55
V1.0, 2007-06
MemoryX2K, V1.1
Interrupt Control
Interrupt control and status.
Reset by Application Reset.
RPA
[3:2]
rh
Read Protection Activated
“01”: Short notation RPA = 1. The read protection of
the flash memory is activated.
“10”: Short notation RPA = 0. The read protection is
not activated.
“00” | “11”: Illegal state. Same effect as “01”. The
illegal state can only be left by an Application
Reset.
This field is only changed by the IMB Core. Software
writes are ignored.
PSPROT
[15:8]
rw
PSRAM Write Protection
This 8-bit field determines the address up to which
the PSRAM is write protected.
The start address of the writable range is E0’0000H
+ 1000H*PSPROT. The end address is determined
by the implemented memory. The equivalent range
in the PSRAM area with flash access timing is
protected as well. Here the writable range starts at
E8’0000H + 1000H*PSPROT and ends at E8’FFFFH
for XC2000.
So with PSPROT=00H the complete PSRAM is
writable. In case of XC2000 with PSPROT=10H or
bigger the complete implemented PSRAM is write-
protected.
IMB_INTCTR
Interrupt Control
ISFR (FF FF04H)
Reset value: 0000H
15
14
13
12
11
10
9
8765
432
10
ISR
PSE
R
––
–
PSE
RCL
R
ISET ICLR
–
–
–
–
DPR
OTR
P
DDD
TRP
DIDT
RP
IEN
rh
rh
––
–
www
–––
–
rw
rw
rw
rw
Field
Bits
Typ Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com