Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-53
V1.0, 2007-06
MemoryX2K, V1.1
Field
Bits
Typ Description
WSFLASH
[2:0]
rw
Wait States for Flash Access
Number of wait cycles after which the IMB expects
read data from the flash memory.
This field determines as well the read timing of the
PSRAM in the flash emulation address range. See
“Flash Emulation” on Page 3-12.
Note: WSFLASH must not be 0. This value is
forbidden!
DLCPF
3
rw
Disable Linear Code Pre-Fetch
0:
“High Speed Mode”: When the next read
request will be delivered from the buffer and so
the flash memory would be idle, the IMB Core
autonomously increments the last address
and reads the next 128-bit block from the flash
memory.
1:
“Low Power Mode”: This feature is disabled.
Usually for code with power minimization
requirements or for code with short linear code
sections this feature should be disabled (DLCPF =
1). Enabling this feature is only advantageous for
code section with longer linear sequences. With
lower values of WSFLASH the performance gain of
DLCPF=0 is reduced. In case of low WSFLASH
settings DLCPF=1 might even lead to better
performance than with linear code pre-fetch.
DCF
[13:12] rw
Disable Code Fetch from Flash Memory
“01”: Short notation DCF = 1. If RPA = 1 instructions
cannot be fetched from flash memory. If RPA
= 0 this field has no effect.
“10”: Short notation DCF = 0. Instructions can be
fetched independent of RPA.
“00” | “11”: Illegal state. Has the same effect as “01”.
This state can only be left by an Application
Reset.
During startup or test mode or when RPA = 0
software can change this field to any value.
Otherwise code fetch can only be disabled but not
enabled anymore until the next Application Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com