Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 111 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 111 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-49
V1.0, 2007-06
MemoryX2K, V1.1
3.9.9
Interrupt Generation
Long lasting processes (these are mainly: program page, erase page, erase sector and
margin changes) set the IMB_FSR.BUSY flag of one flash module when accepting the
request and reset this flag after finishing the process. Software is required to poll the
busy flag in order to determine the end of the operation. In order to release the software
from this burden an interrupt can be generated. If the interrupt is enabled by
IMB_INTCTRL.IEN then all transitions from 1 to 0 of one of the 3 IMB_FSR.BUSY flags
send an interrupt request.
The “Enter Page Mode” command sets BUSY only for around 100 clock cycles. It is
usually not advisable to enable the interrupt for this command.
The register IMB_INTCTR contains fields for the interrupt status “ISR”, an enable for the
interrupt request “IEN” and fields for clearing the status flag “ICLR” or setting if “ISET”. It
should be noted that the interrupt request is only sent when ISR becomes 1 and IEN was
already 1. No interrupt is sent when IEN becomes 1 when ISR was already 1 or both are
set to 1 at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com