Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-57
V1.0, 2007-06
MemoryX2K, V1.1
Flash State
Flash
state.
Split
into
3
registers
IMB_FSR_BUSY,
IMB_FSR_OP,
and
IMB_FSR_PROT. The protection relevant fields or IMB_FSR_PROT are described in
“Protection Handling Details” on Page 3-38.
The registers are reset by the Application Reset with the exception of “ERASE”, “PROG”,
and “OPER”. These three fields are only reset by a System Reset.
IMB_FSR_BUSY
Flash State Busy
ISFR (FF FF06H)
Reset value: 0000H
15
14
13
12
11
10
9
8765
432
10
–––
––
PAGE
–––
––
BUSY
–––
––
rh
–––
––
rh
Field
Bits
Typ Description
BUSY
[2:0]
rh
Busy
A flash module is busy with a task. Each bit position
corresponds to one of the 3 flash modules. The task
is indicated by the bits MAR, POWER, ERASE or
PROG of IMB_FSR_OP. BUSY is automatically
cleared when the task has finished. The
corresponding task indication is not cleared in order
to allow an interrupt handler to determine the
finished task.
PAGE
[10:8]
rh
Page Mode Indication
Set as long the corresponding flash module is in
page mode. Page mode is entered by the “Enter
Page Mode” commands and finished by a “Program
Page” command. The page mode can be also left by
a “Reset to Read” command. Also an Application
Reset clears this bit.
IMB_FSR_OP
Flash State Operations
ISFR (FF FF08H)
Reset value: 0000H
15
14
13
12
11
10
9
8765
432
10
–––
––––
–––
OPE
R
SQE
R
MAR
POW
ER
ERA
SE
PRO
G
–––
––––
–––
rh
rh
rh
rh
rh
rh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com