Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-60
V1.0, 2007-06
MemoryX2K, V1.1
Margin Control
Read margin control. Each field corresponds to one flash module. A hard read 0 detects
not completely erased cells. These are read as “1”. A hard read 1 detects not completely
programmed cells. These are read as “0”. Read margin changes are caused by the
command sequence “Change Read Margin”. The resulting read margin is reflected in
this status register.
The command sequences “Program Page”, “Erase Sector”, “Erase Page” and “Erase
Security Page” resets the read margin back to “normal”. The same happens in case of
a flash wake-up.
Reset by Application Reset.
PROER
4
rh
Protection Error
Set by a violation of the installed protection. Reset by
the “Clear Status” and “Reset to Read” commands
or an Application Reset.
ISBER
8
rh
Instruction Fetch Single Bit Error
Set if during instruction fetch a single-bit ECC error
was detected (and corrected). Reset by “Clear
Status” or “Reset to Read” commands or an
Application Reset.
IDBER
9
rh
Instruction Fetch Double Bit Error
Set if during instruction fetch a double-bit ECC error
was detected (and not corrected). Reset by “Clear
Status” or “Reset to Read” commands or an
Application Reset.
DSBER
10
rh
Data Read Single Bit Error
Same as ISBER for data reads.
DDBER
11
rh
Data Read Double Bit Error
Same as IDBER for data reads.
RPRO
[15:14] rh
Read Protection Configuration
This field is copied by the IMB Core from the
corresponding field in the security page 0. After
Application Reset read protection is activated.
Field
Bits
Typ Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com