Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 104 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 104 Page - ams AG

Back Button AS3524 Datasheet HTML 100Page - ams AG AS3524 Datasheet HTML 101Page - ams AG AS3524 Datasheet HTML 102Page - ams AG AS3524 Datasheet HTML 103Page - ams AG AS3524 Datasheet HTML 104Page - ams AG AS3524 Datasheet HTML 105Page - ams AG AS3524 Datasheet HTML 106Page - ams AG AS3524 Datasheet HTML 107Page - ams AG AS3524 Datasheet HTML 108Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
104
- 124
5.3.15 CCU - Chip Control Unit
Following chapters describe the functions of the CCU.
Table 74 CCU Registers
Register Name
Base Address
Offset
Note
CCU_SRC
AS3525_CCU_BASE
0x0000
Software reset control register
CCU_SRL
AS3525_CCU_BASE
0x0004
Software reset lock register
CCU_MEMMAP
AS3525_CCU_BASE
0x0008
Memory map register
CCU_IO
AS3525_CCU_BASE
0x000C
IO configuration register
CCU_SCON
AS3525_CCU_BASE
0x0010
System configuration register
CCU_VERS
AS3525_CCU_BASE
0x0014
Chip version register
CCU_SPARE1
AS3525_CCU_BASE
0x0018
spare register 1 (for future use)
CCU_SPARE2
AS3525_CCU_BASE
0x001C
spare register 2 (for future use)
5.3.15.1 Reset Controller
•
Generation of the internal reset: the external reset pin XRES is used to generate the internal global reset. This internal reset is synchronised
to clk_main and the active reset time is enlarged. This is necessary to wait for the startup of the DC/DC converter and LDO's that are
generating the supplies of the digital chip. The time assumed for this startup is 10 ms, therefore 2^18 cycles of clk_main are counted before
the internal reset is released. This mechanism is also used for the WATCHDOG reset.
•
Softreset: for each module, the reset can also be generated by SW control. For this purpose, the SW can write to the software reset control
register (CCU_SRC). To avoid unintended SW resets, the access to this control register is locked by the SW reset lock register (CCU_SRL).
So the correct usage is:
•
write CCU_SRC
•
write CCU_SRL (magic number 0x1A720212) to CCU_LOCK to activate resets
•
write CCU_SRL (0x00000000) to deactivate resets
Table 75 Software Reset Control Register
Name
Base
Default
CCU_SRC
AS3525_CCU_BASE
0x00
Software Reset Control Register
Offset: 0x0000h
Writing a logic 1 to the single bits in the read/write register enables resets to each
module.
Bit
Bit Name
Default
Access
Bit Description
24
DBOP_EN
0
R/W
1: enable DBOP reset
0: disable DBOP reset
23
MBIST_EN
0
R/W
1: enable MBIST manager reset
0: disable MBIST manager reset
22
SPDIF_EN
0
R/W
1: enable SPDIF reset
0: disable SPDIF reset
21
TIMER_EN
0
R/W
1: enable timer module reset
0: disable timer module reset
20
SSP_EN
0
R/W
1: enable synchronous serial port reset
0: disable synchronous serial port reset
19
WDO_EN
0
R/W
1: enable watchdog timer module reset
0: disable watchdog timer module reset
18
IDE_EN
0
R/W
1: enable compact flash/IDE reset (except AHB part)
0: disable compact flash/IDE reset (except AHB part)
17
IDE_AHB_EN
0
R/W
1: enable compact flash/IDE’s AHB interface reset
0: disable compact flash/IDE’s AHB interface reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com