Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 107 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 107 Page - ams AG

Back Button AS3524 Datasheet HTML 103Page - ams AG AS3524 Datasheet HTML 104Page - ams AG AS3524 Datasheet HTML 105Page - ams AG AS3524 Datasheet HTML 106Page - ams AG AS3524 Datasheet HTML 107Page - ams AG AS3524 Datasheet HTML 108Page - ams AG AS3524 Datasheet HTML 109Page - ams AG AS3524 Datasheet HTML 110Page - ams AG AS3524 Datasheet HTML 111Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
107
- 124
5.3.15.4 Additional Chip Control Unit Registers
Table 79 System Configuration Register
Name
Base
Default
CCU_SCON
AS3525_CCU_BASE
0x00
System Configuration Register
Offset: 0x0010h
This read/write register controls system parameters.
Bit
Bit Name
Default
Access
Bit Description
0
priority_config
0
R/W
AHB master’s priority configuration:
0: Configuration A (default)
Highest priority: TIC (Test Interface Controller) – for
production test only
2nd highest priority: ARM922T
3rd highest priority: DMA
4th highest priority: USB
lowest priority: IDE
1: Configuration B
Highest priority: TIC (Test Interface Controller) – for
production test only
2nd highest priority: DMA
3rd highest priority: USB
4th highest priority: IDE
lowest priority: ARM922T
Table 80 Chip Version Register
Name
Base
Default
CCU_VERS
AS3525_CCU_BASE
0x09
Chip Version Register
Offset: 0x0014h
Version information can be read from this register.
Bit
Bit Name
Default
Access
Bit Description
31:12
main_version_id(19
:0)
0x2
R
main version ID
11:0
sub_version_id(11:
0)
0x1
R
sub version ID
Table 81 Spare Register 1
Name
Base
Default
CCU_SPARE1
AS3525_CCU_BASE
0x00
Metal ECO Spare Register
Offset: 0x0018h
This register implements 32bit spare FF’s. Use for metal ECO redesign.
Bit
Bit Name
Defau
lt
Access
Bit Description
31:9
spare
0x00
R/W
spare bits to be used for metal ECO redesign if SET
8
dma_sreq_SSPRX_off
0x00
R/W
disableDMA single request of SSPRX module if SET
7
dma_sreq_SSPTX_off
0x00
R/W
disable DMA single request of SSPTX module if SET
6
dma_sreq_DBOP_off
0x00
R/W
disable DMA single request of DBOP module if SET
5
dma_sreq_I2Sin_off
0x00
R/W
disable DMA single request of I2Sin module if SET
4
dma_sreq_I2Sout_off
0x00
R/W
disable DMA single request of I2Sout module if SET
3:2
spare
0x00
R/W
spare bits to be used for metal ECO redesign if SET
1:0
mpmc_clk_inv
0x00
R/W
spare bits used to invert output clocks mpmc_clk(1:0) if SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com