Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 111 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 111 Page - ams AG

Back Button AS3524 Datasheet HTML 107Page - ams AG AS3524 Datasheet HTML 108Page - ams AG AS3524 Datasheet HTML 109Page - ams AG AS3524 Datasheet HTML 110Page - ams AG AS3524 Datasheet HTML 111Page - ams AG AS3524 Datasheet HTML 112Page - ams AG AS3524 Datasheet HTML 113Page - ams AG AS3524 Datasheet HTML 114Page - ams AG AS3524 Datasheet HTML 115Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
111
- 124
Ball Nr.
BGA180
Ball Name
PAD Type
I/O
Ball Description
For testing purpose only, has to be set to “0”.
P3
id_dig
D IN ST (PU)
I
USB mini receptacle identifier
Has to be connected to USB jack ID pin.
Port A
H5
xpa[0]
D IO ST PD LSR
IO GPIO IO, Port A
J5
xpa[1]
D IO ST PD LSR
IO GPIO IO, Port A
K5
xpa[2]
D IO ST PD LSR
IO GPIO IO, Port A
K7
xpa[3]
D IO ST PD LSR
IO GPIO IO, Port A
L7
xpa[4]
D IO ST PD LSR
IO GPIO IO, Port A
M7
xpa[5]
D IO ST PD LSR
IO GPIO IO, Port A
M8
xpa[6]
D IO ST PD LSR
IO GPIO IO, Port A
P8
xpa[7]
D IO ST PD LSR
IO GPIO IO, Port A
Port B / DISPLAY / UART
xpb[0]
IO GPIO IO, Port B
mpmc_stcs1mw[0
]*
I
static memory chip memory width setting for boot loader
0: 8 bit data bus
1: 16 bit data bus
The value is latched at reset.
T13
dbop_c0
D IO ST PD LSR
O
DISPLAY control output
xpb[1]
IO GPIO IO, Port B
mpmc_stcs1pol*
I
static memory chip select polarity setting for boot loader
0: active LOW chip select
1: active high chip select
The value is latched at reset.
T14
dbop_c1
D IO ST PD LSR
O
DISPLAY control output
xpb[2]
IO GPIO IO, Port B
mpmc_stcs1pb*
I
static memory byte lane polarity setting for boot loader
0: HIGH for reads, LOW for writes, used for we_n access
1: LOW for reads, LOW for writes, used for upper and lower
byte access
The value is latched at reset.
T15
dbop_c2
D IO ST PD LSR
O
DISPLAY control output
xpb[3]
IO GPIO IO, Port B
mpmc_rel1config*
I
test mode configuration (for testing purpose only !!!)
The value is latched at reset.
V13
dbop_c3
D IO ST PD LSR
O
DISPLAY control output
xpb[4]
IO GPIO IO, Port B
V14
dbop_d[8]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
xpb[5]
IO GPIO IO, Port B
V15
dbop_d[9]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
xpb[6]
IO GPIO IO, Port B
uart_rxd
I
UART receive line
V17
dbop_d[10]
D IO ST PU LSR
IO DISPLAY data input/output (high byte)
xpb[7]
IO GPIO IO, Port B
uart_txd
O
UART transmit line
V18
dbop_d[11]
D IO ST PU LSR
IO DISPLAY data input/output (high byte)
Port C / DISPLAY / 2-WIRE SERIAL
G5
xpc[0]
D IO ST PD LSR
IO GPIO IO, Port C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com