Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 113 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 113 Page - ams AG

Back Button AS3524 Datasheet HTML 109Page - ams AG AS3524 Datasheet HTML 110Page - ams AG AS3524 Datasheet HTML 111Page - ams AG AS3524 Datasheet HTML 112Page - ams AG AS3524 Datasheet HTML 113Page - ams AG AS3524 Datasheet HTML 114Page - ams AG AS3524 Datasheet HTML 115Page - ams AG AS3524 Datasheet HTML 116Page - ams AG AS3524 Datasheet HTML 117Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
113
- 124
Ball Nr.
BGA180
Ball Name
PAD Type
I/O
Ball Description
P6
i2c_audio_sck
D IO ST PU LSR
O
2-wire serial audio master clock line
used for controlling the audio/PMU sub system
P5
i2c_audio_sda
D IO ST PU LSR
O
2-wire serial audio master data line
used for controlling the audio/PMU sub system
Serial Synchronous Port
ssp_fssout
O
SSP master, frame or slave select
E14
ssp_fssin
D IO ST PU LSR
I
SSP slave, frame select
ssp_clkout
O
SSP master, clock line
F14
ssp_clkin
D IO ST PU LSR
I
SSP slave, clock line
E16
ssp_rxd
D IO ST PU LSR
I
SSP receive data input
F16
ssp_txd
D IO ST PU LSR
O
SSP transmit data output
NandFlash / IDE
naf_d[0]
IO NAND FLASH data line (low byte)
K18
ide_hd[0]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[1]
IO NAND FLASH data line (low byte)
K16
ide_hd[1]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[2]
IO NAND FLASH data line (low byte)
J14
ide_hd[2]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[3]
IO NAND FLASH data line (low byte)
J12
ide_hd[3]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[4]
IO NAND FLASH data line (low byte)
J18
ide_hd[4]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[5]
IO NAND FLASH data line (low byte)
J16
ide_hd[5]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[6]
IO NAND FLASH data line (low byte)
H14
ide_hd[6]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[7]
IO NAND FLASH data line (low byte)
G14
ide_hd[7]
D IO ST PD LSR
IO IDE data line (low byte)
naf_d[8]
IO NAND FLASH data line (high byte)
K12
ide_hd[8]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[9]
IO NAND FLASH data line (high byte)
K14
ide_hd[9]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[10]
IO NAND FLASH data line (high byte)
L16
ide_hd[10]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[11]
IO NAND FLASH data line (high byte)
L18
ide_hd[11]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[12]
IO NAND FLASH data line (high byte)
L12
ide_hd[12]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[13]
IO NAND FLASH data line (high byte)
L14
ide_hd[13]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[14]
IO NAND FLASH data line (high byte)
M16
ide_hd[14]
D IO ST PD LSR
IO IDE data line (high byte)
naf_d[15]
IO NAND FLASH data line (high byte)
M18
ide_hd[15]
D IO ST PD LSR
IO IDE data line (high byte)
naf_cle
O
NAND FLASH command latch enable
M14
ide_dmarq
D IO ST LSR
I
IDE DMA request
used for DMA data transfers between host and device
N14
naf_ale
D IO ST LSR
O
NAND FLASH address latch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com