Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 117 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 117 Page - ams AG

Back Button AS3524 Datasheet HTML 113Page - ams AG AS3524 Datasheet HTML 114Page - ams AG AS3524 Datasheet HTML 115Page - ams AG AS3524 Datasheet HTML 116Page - ams AG AS3524 Datasheet HTML 117Page - ams AG AS3524 Datasheet HTML 118Page - ams AG AS3524 Datasheet HTML 119Page - ams AG AS3524 Datasheet HTML 120Page - ams AG AS3524 Datasheet HTML 121Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
117
- 124
Ball Nr.
BGA180
Ball Name
PAD Type
I/O
Ball Description
analog signal to the external resistor for setting the bias
current of the USB 2.0 OTG PHY, voltage level is 1.1-1.3V
U1
vdda33c
PWP_VD_ANA_3V
P
USB 3.3V analog power supply for common block
V2
usb_vssa33c
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for common block
V6
analog_test
ANA_BI_DNR_3V
A
USB analog test input/output
for testing purpose only, has to be left open
V1
VBUS
USB20_VBUS_5VT_O
TG
AIO USB VBUS analog input
Supply Balls
D1
vdd_peri_l
P
P
3.3V peripheral power supply
D18
vdd_peri_r
P
P
3.3V peripheral power supply
N18
vdd_peri_r
P
P
3.3V peripheral power supply
A8
vdd_mem
P
P
3.3V/2.5V/1.8V external memory power supply
A11
vdd_mem
P
P
3.3V/2.5V/1.8V external memory power supply
D3
vss_peri_l
P
P
3.3V peripheral ground supply
D16
vss_peri_r
P
P
3.3V peripheral ground supply
N16
vss_peri_r
P
P
3.3V peripheral ground supply
C8
vss_mem
P
P
3.3V (2.5V) external memory ground supply
C11
vss_mem
P
P
3.3V (2.5V) external memory ground supply
H1
vdd_core
P
P
1.2V core power supply
H18
vdd_core
P
P
1.2V core power supply
V4
vdd_core_ana
P
P
1.2V core power supply (analog blocks)
V16
vdd_core_ana
P
P
1.2V core power supply (analog blocks)
V3
vddapll
P
P
1.2V PLL power supply
H3
vss_core
P
P
1.2V core ground supply
H16
vss_core
P
P
1.2V core ground supply
T4
vss_core_ana
P
P
1.2V core ground supply (analog blocks)
T16
vss_core_ana
P
P
1.2V core ground supply (analog blocks)
T3
vssapll
P
P
1.2V PLL ground suppl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com