Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 116 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 116 Page - ams AG

Back Button AS3524 Datasheet HTML 112Page - ams AG AS3524 Datasheet HTML 113Page - ams AG AS3524 Datasheet HTML 114Page - ams AG AS3524 Datasheet HTML 115Page - ams AG AS3524 Datasheet HTML 116Page - ams AG AS3524 Datasheet HTML 117Page - ams AG AS3524 Datasheet HTML 118Page - ams AG AS3524 Datasheet HTML 119Page - ams AG AS3524 Datasheet HTML 120Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
116
- 124
Ball Nr.
BGA180
Ball Name
PAD Type
I/O
Ball Description
J10
mpmc_dycs_n[1] D OUT LSR LV
O
EXT. MEMORY dynamic memory chip select 1 not
used for SDRAM devices only
G10
mpmc_ras_n
D OUT LSR LV
O
EXT. MEMORY row address strobe not
used for SDRAM devices only
P9
mpmc_we_n
D OUT LSR LV
O
EXT. MEMORY write enable not
used for SDRAM devices and static memories
K9
mpmc_stcs_n[0]
D OUT LSR LV
O
EXT. MEMORY static memory chip select 0 not
used for static memory devices only
K10
mpmc_stcs_n[1]
D OUT LSR LV
O
EXT. MEMORY static memory chip select 0 not
used for static memory devices only
E11
mpmc_bls_n[0]
D OUT LSR LV
O
EXT. MEMORY byte lane select 0 not
used for static memory devices only
G11
mpmc_bls_n[1]
D OUT LSR LV
O
EXT. MEMORY byte lane select 1 not
used for static memory devices only
P10
mpmc_oe_n
D OUT LSR LV
O
EXT. MEMORY output enable not
used for static memory devices only
C12
mpmc_data[0]
D IO ST PD LSR LV
IO EXT. MEMORY data line
E12
mpmc_data[1]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A12
mpmc_data[2]
D IO ST PD LSR LV
IO EXT. MEMORY data line
G12
mpmc_data[3]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A13
mpmc_data[4]
D IO ST PD LSR LV
IO EXT. MEMORY data line
H12
mpmc_data[5]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A14
mpmc_data[6]
D IO ST PD LSR LV
IO EXT. MEMORY data line
E13
mpmc_data[7]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A15
mpmc_data[8]
D IO ST PD LSR LV
IO EXT. MEMORY data line
C13
mpmc_data[9]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A16
mpmc_data[10]
D IO ST PD LSR LV
IO EXT. MEMORY data line
C14
mpmc_data[11]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A17
mpmc_data[12]
D IO ST PD LSR LV
IO EXT. MEMORY data line
C15
mpmc_data[13]
D IO ST PD LSR LV
IO EXT. MEMORY data line
A18
mpmc_data[14]
D IO ST PD LSR LV
IO EXT. MEMORY data line
C16
mpmc_data[15]
D IO ST PD LSR LV
IO EXT. MEMORY data line
DBOP
C1
dbop_d[12]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
B1
dbop_d[13]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
B18
dbop_d[14]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
C18
dbop_d[15]
D IO ST PD LSR
IO DISPLAY data input/output (high byte)
USB 2.0 OTG
T1
usb_vdda33t
PWP_VD_RDO_3V
P
USB 3.3V analog power supply for OTG transceiver block
L1
usb_vdda33t
PWP_VD_RDO_3V
P
USB 3.3V analog power supply for OTG transceiver block
M1
usb_vssa33t
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for OTG transceiver block
R1
usb_vssa33t
PWP_VS_RDO_3V
P
USB 3.3V analog ground supply for OTG transceiver block
N1
usb_dp
USB_ESD_5VT
A
USB D+ signal from USB cable
P1
usb_dm
USB_ESD_5VT
A
USB D- signal from USB cable
V5
usb_xi
ANA_BI_DNR_3V
A
USB crystal oscillator xi pin
used for using external crystal for USB clock generation
for testing purpose only, can be tied to ground or left floating
T5
usb_xo
ANA_BI_DNR_3V
A
USB crystal oscillator xo pin
used for using external crystal for USB clock generation
for testing purpose only, can be tied to ground or left floating
R3
usb_rext
ANA_BI_RXT_3V
A
USB external resistor connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com