Electronic Components Datasheet Search
  English  ▼

X  

AS3524 Datasheet(PDF) 119 Page - ams AG

Part # AS3524
Description  Advanced Audio Processor System
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3524 Datasheet(HTML) 119 Page - ams AG

Back Button AS3524 Datasheet HTML 115Page - ams AG AS3524 Datasheet HTML 116Page - ams AG AS3524 Datasheet HTML 117Page - ams AG AS3524 Datasheet HTML 118Page - ams AG AS3524 Datasheet HTML 119Page - ams AG AS3524 Datasheet HTML 120Page - ams AG AS3524 Datasheet HTML 121Page - ams AG AS3524 Datasheet HTML 122Page - ams AG AS3524 Datasheet HTML 123Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
AS3524 C21 / C22
austriamicrosystems
Data Sheet, Confidential
© 2003-2006, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.11
119
- 124
6.3.1.7
D IO ST PU LSR
6.3.1.8
D IO ST PD LSR
Figure 51 Digital Schmitt Trigger Input with Pull-Up and Limited
Slew Rate Output
I
PAD
Schmitt
C
Figure 52 Digital Schmitt Trigger Input with Pull-Down and Limited
Slew Rate Output
I
PAD
Schmitt
C
6.3.1.9
D OUT LSR LV
6.3.1.10 D IO ST PD LSR LV
Figure 53 Digital Output with Limited Slew Rate (low voltage)
I
PAD
Figure 54 Digital Schmitt Trigger Input with Pull-Down and Limited
Slew Rate Output (low voltage)
I
PAD
Schmitt
C
7
Appendix
7.1
Memory MAP
ARM922T provides 32-bit address to access the peripherals and memory. With this 32-bit address ARM922T can access up to 4 Giga
Bytes of memory. Cocoa does not use the complete 4 GB address space.
Address 0x0000_0000 is mapped to internal ROM or External Memory interface based on the boot ROM selection by the external input
pin (Port C, xpc[0] = intBootSel) Pin intBootSel=1 at startup selects the internal ROM, intBootSel = 0 selects the external memory.
The address range starting at 0x0000_0000 is also mapped to internal RAM upon setting of the remap bit. This remap allows the user to
select either RAM or ROM at 0x0000_0000.
Table 84 Address Map
S.No
.
Start (Base)
Address
End Address
Actual
Block Size
Peripheral
Comment
AHB Blocks
0x0000_0000
0x0001_FFFF
128 KByte
Internal ROM
Remap = 0 and
IntBootSel = 1
0x0000_0000
0x003F_FFFF
4 MB
External Memory IF
(MPMC Bank1 – Ext
Flash or Ext ROM)
Remap = 0 and
IntBootSel = 0
0x0000_0000
0x0004_FFFF
320 KByte
Embedded 1T-RAM
Remap = 1
0x0100_0000
0x0FFF_FFFF
Reserved
0x1000_0000
0x103F_FFFF
4 MB
External Memory IF
Aliased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com