Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 108 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 108 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 104Page - Intel Corporation 82G33 Datasheet HTML 105Page - Intel Corporation 82G33 Datasheet HTML 106Page - Intel Corporation 82G33 Datasheet HTML 107Page - Intel Corporation 82G33 Datasheet HTML 108Page - Intel Corporation 82G33 Datasheet HTML 109Page - Intel Corporation 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 437 page
background image
DRAM Controller Registers (D0:F0)
108
Datasheet
5.1.23
PAM5—Programmable Attribute Map 5
B/D/F/Type:
0/0/0/PCI
Address Offset:
95h
Default Value:
00h
Access:
RO, RW/L
Size:
8 bits
This register controls the read, write, and shadowing attributes of the BIOS areas from
0E0000h–0E7FFFh.
Bit
Access &
Default
Description
7:6
RO
00b
Reserved
5:4
RW/L
00b
0E4000h–0E7FFFh Attribute (HIENABLE): This field controls the
steering of read and write cycles that address the BIOS area from
0E4000h to 0E7FFFh.
00 = DRAM Disabled: Accesses are directed to DMI.
01 = Read Only: All reads are serviced by DRAM. All writes are
forwarded to DMI.
10 = Write Only: All writes are sent to DRAM. Reads are serviced by
DMI.
11 = Normal DRAM Operation: All reads and writes are serviced by
DRAM.
This register is locked by Intel® TXT.
3:2
RO
00b
Reserved
1:0
RW/L
00b
0E0000h–0E3FFFh Attribute (LOENABLE): This field controls the
steering of read and write cycles that address the BIOS area from
0E0000h to 0E3FFFh.
00 = DRAM Disabled: Accesses are directed to DMI.
01 = Read Only: All reads are serviced by DRAM. All writes are
forwarded to DMI.
10 = Write Only: All writes are sent to DRAM. Reads are serviced by
DMI.
11 = Normal DRAM Operation: All reads and writes are serviced by
DRAM.
This register is locked by Intel® TXT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com