Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 110 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 110 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 106Page - Intel Corporation 82G33 Datasheet HTML 107Page - Intel Corporation 82G33 Datasheet HTML 108Page - Intel Corporation 82G33 Datasheet HTML 109Page - Intel Corporation 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 437 page
background image
DRAM Controller Registers (D0:F0)
110
Datasheet
5.1.25
LAC—Legacy Access Control
B/D/F/Type:
0/0/0/PCI
Address Offset:
97h
Default Value:
00h
Access:
RW/L, RO, RW
Size:
8 bits
This 8-bit register controls a fixed DRAM hole from 15–16 MB.
Bit
Access &
Default
Description
7
RW/L
0b
Hole Enable (HEN): This field enables a memory hole in DRAM space.
The DRAM that lies "behind" this space is not remapped.
0 = No memory hole.
1 = Memory hole from 15 MB to 16 MB.
This bit is Intel® TXT lockable.
6:1
RO
00000b
Reserved
0
RW
0b
MDA Present (MDAP): This bit works with the VGA Enable bits in the
BCTRL register of Device 1 to control the routing of processor initiated
transactions targeting MDA compatible I/O and memory address ranges.
This bit should not be set if device 1's VGA Enable bit is not set.
If device 1's VGA enable bit is not set, then accesses to IO address
range x3BCh–x3BFh are forwarded to DMI.
If the VGA enable bit is set and MDA is not present, then accesses to IO
address range x3BCh–x3BFh are forwarded to PCI Express if the address
is within the corresponding IOBASE and IOLIMIT, otherwise they are
forwarded to DMI.
MDA resources are defined as the following:
Memory:
0B0000h – 0B7FFFh
I/O:
3B4h, 3B5h, 3B8h, 3B9h, 3BAh, 3BFh, (including ISA
address aliases, A[15:10] are not used in decode)
Any I/O reference that includes the I/O locations listed above, or their
aliases, will be forwarded to the DMI even if the reference includes I/O
locations not listed above.
The following table shows the behavior for all combinations of MDA and
VGA:
VGAEN
MDAP
Description
0
0
All References to MDA and VGA space are routed to
DMI
0
1
Invalid combination
1
0
All VGA and MDA references are routed to PCI
Express Graphics Attach.
1
1
All VGA references are routed to PCI Express
Graphics Attach. MDA references are routed to DMI.
VGA and MDA memory cycles can only be routed across the PEG when
MAE (PCICMD1[1]) is set. VGA and MDA I/O cycles can only be routed
across the PEG if IOAE (PCICMD1[0]) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com