Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 113 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 113 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 109Page - Intel Corporation 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
113
5.1.29
ESMRAMC—Extended System Management RAM Control
B/D/F/Type:
0/0/0/PCI
Address Offset:
9Eh
Default Value:
38h
Access:
RW/L, RWC, RO
Size:
8 bits
The Extended SMRAM register controls the configuration of Extended SMRAM space.
The Extended SMRAM (E_SMRAM) memory provides a write-back cacheable SMRAM
memory space that is above 1 MB.
Bit
Access &
Default
Description
7
RW/L
0b
Enable High SMRAM (H_SMRAME): This bit controls the SMM memory
space location (i.e., above 1 MB or below 1 MB) When G_SMRAME is 1
and H_SMRAME is set to 1, the high SMRAM memory space is enabled.
SMRAM accesses within the range 0FEDA0000h to 0FEDBFFFFh are
remapped to DRAM addresses within the range 000A0000h to
000BFFFFh. Once D_LCK has been set, this bit becomes read only.
6
RWC
0b
Invalid SMRAM Access (E_SMERR): This bit is set when processor
has accessed the defined memory ranges in Extended SMRAM (High
Memory and T-segment) while not in SMM space and with the D-OPEN
bit = 0. It is software's responsibility to clear this bit. The software must
write a 1 to this bit to clear it.
5
RO
1b
SMRAM Cacheable (SM_CACHE): This bit is forced to 1 by the
(G)MCH.
4
RO
1b
L1 Cache Enable for SMRAM (SM_L1): This bit is forced to 1 by the
(G)MCH.
3
RO
1b
L2 Cache Enable for SMRAM (SM_L2): This bit is forced to 1 by the
(G)MCH.
2:1
RW/L
00b
TSEG Size (TSEG_SZ): Selects the size of the TSEG memory block if
enabled. Memory from the top of DRAM space is partitioned away so that
it may only be accessed by the processor interface and only then when
the SMM bit is set in the request packet. Non-SMM accesses to this
memory region are sent to DMI when the TSEG memory block is
enabled.
00 = 1 MB TSEG. (TOLUD – GTT Graphics Memory Size – Graphics
Stolen Memory Size – 1 MB) to (TOLUD – GTT Graphics Memory
Size – Graphics Stolen Memory Size).
01 = 2 MB TSEG. (TOLUD – GTT Graphics Memory Size – Graphics
Stolen Memory Size – 2 MB) to (TOLUD – GTT Graphics Memory
Size – Graphics Stolen Memory Size).
10 = 8 MB TSEG. (TOLUD – GTT Graphics Memory Size – Graphics
Stolen Memory Size – 8 MB) to (TOLUD – GTT Graphics Memory
Size – Graphics Stolen Memory Size).
11 = Reserved.
Once D_LCK has been set, these bits becomes read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com