Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 116 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 116 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 437 page
background image
DRAM Controller Registers (D0:F0)
116
Datasheet
5.1.32
GBSM—Graphics Base of Stolen Memory
B/D/F/Type:
0/0/0/PCI
Address Offset:
A4–A7h
Default Value:
00000000h
Access:
RW/L, RO
Size:
32 bits
This register contains the base address of graphics data stolen DRAM memory. BIOS
determines the base of graphics data stolen memory by subtracting the graphics data
stolen memory size (PCI Device 0 offset 52 bits 7:4) from TOLUD (PCI Device 0, offset
B0h, bits 15:4).
Note: This register is locked and becomes Read Only when the D_LCK bit in the SMRAM
register is set.
Bit
Access &
Default
Description
31:20
RW/L
000h
Graphics Base of Stolen Memory (GBSM): This register contains
bits 31:20 of the base address of stolen DRAM memory. BIOS
determines the base of graphics stolen memory by subtracting the
graphics stolen memory size (PCI Device 0, offset 52h, bits 6:4) from
TOLUD (PCI Device 0, offset B0h, bits 15:04).
Note: This register is locked and becomes Read Only when the D_LCK
bit in the SMRAM register is set.
19:0
RO
00000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com