Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 118 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 118 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 437 page
background image
DRAM Controller Registers (D0:F0)
118
Datasheet
5.1.35
TOLUD—Top of Low Usable DRAM
B/D/F/Type:
0/0/0/PCI
Address Offset:
B0–B1h
Default Value:
0010h
Access:
RW/L, RO
Size:
16 bits
This 16 bit register defines the Top of Low Usable DRAM. TSEG, GTT Graphics Memory
and Graphics Stolen Memory are within the DRAM space defined. From the top,
(G)MCH optionally claims 1 to 64 MB of DRAM for internal graphics if enabled 1, 2 MB
of DRAM for GTT Graphics Stolen Memory (if enabled) and 1, 2, or 8 MB of DRAM for
TSEG, if enabled.
Programming Example :
C1DRB3 is set to 4 GB
TSEG is enabled and TSEG size is set to 1 MB
Internal Graphics is enabled and Graphics Mode Select set to 32 MB
GTT Graphics Stolen Memory Size set to 2 MB
BIOS knows the OS requires 1 GB of PCI space.
BIOS also knows the range from FEC0_0000h to FFFF_FFFFh is not usable by the
system. This 20MB range at the very top of addressable memory space is lost to APIC
and Intel® TXT.
According to the above equation, TOLUD is originally calculated to: 4 GB =
1_0000_0000h
The system memory requirements are: 4GB (max addressable space) – 1 GB (PCI
space) – 35 MB (lost memory) = 3 GB – 35 MB (minimum granularity) = ECB0_0000h
Since ECB0_0000h (PCI and other system requirements) is less than 1_0000_0000h,
TOLUD should be programmed to ECBh.
These bits are Intel® TXT lockable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com