Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 120 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 120 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 437 page
background image
DRAM Controller Registers (D0:F0)
120
Datasheet
Bit
Access &
Default
Description
13
RWC/S
0b
Isochronous TBWRR Run behind FIFO put (ITSTV):
If set, this bit indicates a VC1 TBWRR request was put into the run
behind. This will likely result in a resulting in a contract violation due
to the (G)MCH Express port taking too long to service the isochronous
request.
If this bit is already set, then an interrupt message will not be sent on
a new error event.
12
RWC/S
0b
(G)MCH Software Generated Event for SMI (GSGESMI):
This indicates the source of the SMI was a Device 2 Software Event.
11
RWC/S
0b
(G)MCH Thermal Sensor Event for SMI/SCI/SERR (GTSE): This
bit indicates that a (G)MCH Thermal Sensor trip has occurred and an
SMI, SCI or SERR has been generated. The status bit is set only if a
message is sent based on Thermal event enables in Error command,
SMI command and SCI command registers. A trip point can generate
one of SMI, SCI, or SERR interrupts (two or more per event is invalid).
Multiple trip points can generate the same interrupt, if software
chooses this mode, subsequent trips may be lost. If this bit is already
set, then an interrupt message will not be sent on a new thermal
sensor event.
10
RO
0b
Reserved
9
RWC/S
0b
LOCK to non-DRAM Memory Flag (LCKF):
1 = (G)MCH has detected a lock operation to memory space that did
not map into DRAM.
8
RO
0b
Reserved
7
RWC/S
0b
DRAM Throttle Flag (DTF):
1 = DRAM Throttling condition occurred.
0 = Software has cleared this flag since the most recent throttling
event.
6:0
RO
0s
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com