Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 124 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 124 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 437 page
background image
DRAM Controller Registers (D0:F0)
124
Datasheet
Bit
Access &
Default
Description
76
RO
0b
2 DIMMS per Channel Disable (2DPCD):
0 = 2 DIMMs per channel Enabled
1 = 2 DIMMs per channel disabled. This setting hardwires bits 2 and 3
of the rank population field for each channel to zero. (MCHBAR
offset 260h, bits 22–23 for channel 0 and MCHBAR offset 660h,
bits 22–23 for channel 1)
75:73
RO
00b
Reserved
72
RO
0b
Agent Presence Disable (APD):
0 = Disable
1 = Enable
71
RO
0b
System Defense Disable (CBD):
0 = Disable
1 = Enable
70
RO
0b
Multiprocessor Disable (MD):
0 = (G)MCH capable of Multiple Processors
1 = (G)MCH capable of uni-processor only.
69
RO
0b
FAN Speed Control Disable (FSCD):
0 = Disable
1 = Enable
68
RO
0b
EastFork Disable (EFD):
0 = Disable
1 = Enable
67:58
RO
0s
Reserved
57
RO
0b
ME Disable (MED):
0 = ME feature is enabled
1 = ME feature is disabled
56:48
RO
0s
Reserved
47
RO
0b
82Q35, 82Q33, 82G33 GMCH
3D Integrated graphics Disable (3DIGD):
0 = 3D Internal Graphics are enabled
1 = 3D Internal Graphics are disabled. VGA still supported
82P35 MCH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com