Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 126 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 126 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation 82G33 Datasheet HTML 129Page - Intel Corporation 82G33 Datasheet HTML 130Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 437 page
background image
DRAM Controller Registers (D0:F0)
126
Datasheet
Bit
Access &
Default
Description
38
RO
0b
DDR3 Disable (DDR3D):
0 = Capable of supporting DDR3 SDRAM (82G33 GMCH and 82P35
MCH only)
1 = Not Capable of supporting DDR3 SDRAM
37:34
RO
0000b
Reserved
33:31
RO
000b
DDR Frequency Capability (DDRFC): This field controls which values
may be written to the Memory Frequency Select field 6:4 of the
Clocking Configuration registers (MCHBAR Offset C00h). Any attempt to
write an unsupported value will be ignored.
000 = (G)MCH capable of "All" memory frequencies
001 = Reserved
010 = Reserved
011 = (G)MCH capable of up to DDR2/DDR3 1333
100 = (G)MCH capable of up to DDR2/DDR3 1067
101 = (G)MCH capable of up to DDR2/DDR3 800
110 = (G)MCH capable of up to DDR2/DDR3 667
NOTE: DDR3 is only supported on the 82G33 GMCH and 82P35 MCH
components.
30:28
RO
000b
FSB Frequency Capability (FSBFC): This field controls which values
are allowed in the PSB Frequency Select Field 2:0 of the Clocking
Configuration Register. These values are determined by the BSEL[2:0]
frequency straps. Any unsupported strap values will render the (G)MCH
System Memory Interface inoperable.
000 = (G)MCH capable of "All" Memory Frequencies
001 = Reserved
010 = Reserved
011 = (G)MCH capable of up to PSB 1333
100 = (G)MCH capable of up to PSB 1067
101 = (G)MCH capable of up to PSB 800
110 = (G)MCH capable of up to PSB 667
27:24
RO
1h
CAPID Version (CAPIDV): This field has the value 0001b to identify
the first revision of the CAPID register definition.
23:16
RO
0bh
CAPID Length (CAPIDL): This field has the value 0bh to indicate the
structure length (11 bytes).
15:8
RO
00h
Next Capability Pointer (NCP): This field is hardwired to 00h
indicating the end of the capabilities linked list.
7:0
RO
09h
Capability Identifier (CAP_ID): This field has the value 1001b to
identify the CAP_ID assigned by the PCI SIG for vendor dependent
capability pointers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com