Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 130 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 130 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation 82G33 Datasheet HTML 129Page - Intel Corporation 82G33 Datasheet HTML 130Page - Intel Corporation 82G33 Datasheet HTML 131Page - Intel Corporation 82G33 Datasheet HTML 132Page - Intel Corporation 82G33 Datasheet HTML 133Page - Intel Corporation 82G33 Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 437 page
background image
DRAM Controller Registers (D0:F0)
130
Datasheet
5.2.1
CHDECMISC—Channel Decode Miscellaneous
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
111h
Default Value:
00h
Access:
RW/L
Size:
8 bits
This register has Miscellaneous CHDEC/MAGEN configuration bits.
Bit
Access &
Default
Description
7
RW/L
0b
Reserved
6:5
RW/L
00b
Enhanced Mode Select (ENHMODESEL):
00 = Swap Enabled for Bank Selects and Rank Selects
01 = XOR Enabled for Bank Selects and Rank Selects
10 = Swap Enabled for Bank Selects only
11 = XOR Enabled for Bank Select only
This register is locked by ME stolen Memory lock.
4
RW/L
0b
Ch2 Enhanced Mode (CH2_ENHMODE): This bit enables Enhanced
addressing mode of operation is enabled for Ch 2.
0 = Disable
1 = Enable
3
RW/L
0b
Ch1 Enhanced Mode (CH1_ENHMODE): This bit enables Enhanced
addressing mode of operation is enabled for Ch 1.
0 = Disable
1 = Enable
2
RW/L
0b
Ch0 Enhanced Mode (CH0_ENHMODE): This bit enables Enhanced
addressing mode of operation is enabled for Ch 0.
0 = Disable
1 = Enable
1
RW/L
0b
Reserved
0
RW/L
0b
EP Present (EPPRSNT): This bit indicates whether EP UMA is
present in the system or not.
0 = Not Present
1 = Present
This register is locked by ME stolen Memory lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com