Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 133 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 133 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 129Page - Intel Corporation 82G33 Datasheet HTML 130Page - Intel Corporation 82G33 Datasheet HTML 131Page - Intel Corporation 82G33 Datasheet HTML 132Page - Intel Corporation 82G33 Datasheet HTML 133Page - Intel Corporation 82G33 Datasheet HTML 134Page - Intel Corporation 82G33 Datasheet HTML 135Page - Intel Corporation 82G33 Datasheet HTML 136Page - Intel Corporation 82G33 Datasheet HTML 137Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
133
5.2.4
C0DRB2—Channel 0 DRAM Rank Boundary Address 2
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
204–205h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
See C0DRB0 register for programming information.
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
R/W
000h
Channel 0 DRAM Rank Boundary Address 2 (C0DRBA2): This
register defines the DRAM rank boundary for rank2 of Channel 0 (64
MB granularity)
= (R2 + R1 + R0)
R0 = Total Rank 0 memory size is 64 MB
R1 = Total Rank 1 memory size is 64 MB
R2 = Total Rank 2 memory size is 64 MB
R3 = Total Rank 3 memory size is 64 MB
5.2.5
C0DRB3—Channel 0 DRAM Rank Boundary Address 3
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
206–207h
Default Value:
0000h
Access:
R/W, RO
Size:
16 bits
See C0DRB0 register for programming information.
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
R/W
000h
Channel 0 DRAM Rank Boundary Address 3 (C0DRBA3): This
register defines the DRAM rank boundary for rank3 of Channel 0 (64
MB granularity)
= (R3 + R2 + R1 + R0)
R0 = Total Rank 0 memory size is 64 MB
R1 = Total Rank 1 memory size is 64 MB
R2 = Total Rank 2 memory size is 64 MB
R3 = Total Rank 3 memory size is 64 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com