Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 131 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 131 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation 82G33 Datasheet HTML 129Page - Intel Corporation 82G33 Datasheet HTML 130Page - Intel Corporation 82G33 Datasheet HTML 131Page - Intel Corporation 82G33 Datasheet HTML 132Page - Intel Corporation 82G33 Datasheet HTML 133Page - Intel Corporation 82G33 Datasheet HTML 134Page - Intel Corporation 82G33 Datasheet HTML 135Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
131
5.2.2
C0DRB0—Channel 0 DRAM Rank Boundary Address 0
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
200–201h
Default Value:
0000h
Access:
R/W, RO
Size:
16 bits
The DRAM Rank Boundary Registers define the upper boundary address of each DRAM
rank with a granularity of 64 MB. Each rank has its own single-word DRB register.
These registers are used to determine which chip select will be active for a given
address. Channel and rank map:
Ch 0, Rank 0 = 200h
Ch 0, Rank 1 = 202h
Ch 0, Rank 2 = 204h
Ch 0, Rank 3 = 206h
Ch 1, Rank 0 = 600h
Ch 1, Rank 1 = 602h
Ch 1, Rank 2 = 604h
Ch 1, Rank 3 = 606h
Programming Guide
If Channel 0 is empty, all of the C0DRBs are programmed with 00h.
C0DRB0 = Total memory in Ch 0, Rank 0 (in 64 MB increments)
C0DRB1 = Total memory in Ch 0, Rank 0 + Ch 0, Rank 1 (in 64 MB increments)
…
If Channel 1 is empty, all of the C1DRBs are programmed with 00h
C1DRB0= Total memory in Ch 1, Rank 0 (in 64 MB increments)
C1DRB1= Total memory in Ch 1, Rank 0 + Ch 1, Rank 1 (in 64 MB increments)
...
For Flex Memory Mode
C1DRB0, C1DRB1, and C1DRB2:
They are also programmed similar to non-Flex mode. Only exception is, the DRBs
corresponding to the top most populated rank and higher ranks in Channel 1 must be
programmed with the value of the total Channel 1 population plus the value of total
Channel 0 population (C0DRB3).
Example: If only Ranks 0 and 1 are populated in Ch1 in Flex mode, then:
C1DRB0 = Total memory in Ch 1, Rank 0 (in 64MB increments)
C1DRB1 = C0DRB3 + Total memory in Ch 1, Rank 0 + Ch 1, Rank 1 (in 64 MB
increments) (Rank 1 is the topmost populated rank)
C1DRB2 = C1DRB1
C1DRB3 = C1DRB1
C1DRB3:
C1DRB3 = C0DRB3 + Total memory in Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com