Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 134 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 134 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 130Page - Intel Corporation 82G33 Datasheet HTML 131Page - Intel Corporation 82G33 Datasheet HTML 132Page - Intel Corporation 82G33 Datasheet HTML 133Page - Intel Corporation 82G33 Datasheet HTML 134Page - Intel Corporation 82G33 Datasheet HTML 135Page - Intel Corporation 82G33 Datasheet HTML 136Page - Intel Corporation 82G33 Datasheet HTML 137Page - Intel Corporation 82G33 Datasheet HTML 138Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 437 page
background image
DRAM Controller Registers (D0:F0)
134
Datasheet
5.2.6
C0DRA01—Channel 0 DRAM Rank 0,1 Attribute
B/D/F/Type:
0/0/0/MCHBAR
Address Offset:
208–209h
Default Value:
0000h
Access:
R/W
Size:
16 bits
The DRAM Rank Attribute Registers define the page sizes/number of banks to be used
when accessing different ranks. These registers should be left with their default value
(all zeros) for any rank that is unpopulated, as determined by the corresponding
CxDRB registers. Each byte of information in the CxDRA registers describes the page
size of a pair of ranks. Channel and rank map:
Ch 0, Rank 0, 1= 208h–209h
Ch 0, Rank 2, 3 = 20Ah–20Bh
Ch 1, Rank 0, 1= 608h–609h
Ch 1, Rank 2, 3= 60Ah–60Bh
DRA[7:0] = "00" means Cfg 0 , DRA[7:0] ="01" means Cfg 1 .... DRA[7:0] = "09" means Cfg 9
and so on.
Table 5-3. DRAM Rank Attribute Register Programming
Tech
DDRx
Depth
Width
Row
Col
Bank
Row
Size
Page
Size
512Mb
2
64M
8
14
10
2
512 MB
8k
512Mb
2
32M
16
13
10
2
256 MB
8k
512Mb
3
64M
8
13
10
3
512 MB
8k
512Mb
3
32M
16
12
10
3
256 MB
8k
1 Gb
2,3
128M
8
14
10
3
1 GB
8k
1 Gb
2,3
64M
16
13
10
3
512 MB
8k
NOTE:
DDR3 is only supported on the 82G33 GMCH and 82P35 MCH components.
Bit
Access &
Default
Description
15:8
R/W
00h
Channel 0 DRAM Rank-1 Attributes (C0DRA1): This field defines
DRAM pagesize/number-of-banks for rank1 for given channel. See
Table 5-3 for programming.
7:0
R/W
00h
Channel 0 DRAM Rank-0 Attributes (C0DRA0): This field defines
DRAM page size/number-of-banks for rank0 for given channel. See
Table 5-3 for programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com