Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 127 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 127 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation 82G33 Datasheet HTML 129Page - Intel Corporation 82G33 Datasheet HTML 130Page - Intel Corporation 82G33 Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
127
5.2
MCHBAR
The MCHBAR registers are offset from the MCHBAR base address. Table 5-2 provides
an address map of the registers listed by address offset in ascending order. Detailed
register bit descriptions follow the table.
Table 5-2. MCHBAR Register Address Map
Address
Offset
Register Symbol
Register Name
Default
Value
Access
111h
CHDECMISC
Channel Decode
Miscellaneous
00h
RW/L
200–01h
C0DRB0
Channel 0 DRAM Rank
Boundary Address 0
0000h
RO,
RW/L
202–203h
C0DRB1
Channel 0 DRAM Rank
Boundary Address 1
0000h
RW/L,
RO
204–205h
C0DRB2
Channel 0 DRAM Rank
Boundary Address 2
0000h
RW/L,
RO
206–207h
C0DRB3
Channel 0 DRAM Rank
Boundary Address 3
0000h
RW/L,
RO
208–209h
C0DRA01
Channel 0 DRAM Rank 0,1
Attribute
0000h
RW/L
20A–20Bh
C0DRA23
Channel 0 DRAM Rank 2,3
Attribute
0000h
RW/L
250–251h
C0CYCTRKPCHG
Channel 0 CYCTRK PCHG
0000h
RW, RO
252–255h
C0CYCTRKACT
Channel 0 CYCTRK ACT
00000000h
RW, RO
256–257h
C0CYCTRKWR
Channel 0 CYCTRK WR
0000h
RW
258–25Ah
C0CYCTRKRD
Channel 0 CYCTRK READ
000000h
RW, RO
25B–25Ch
C0CYCTRKREFR
Channel 0 CYCTRK REFR
0000h
RO, RW
260–263h
C0CKECTRL
Channel 0 CKE Control
00000800h
RO, RW,
RW/L
269–26Eh
C0REFRCTRL
Channel 0 DRAM Refresh
Control
021830000
C30h
RW, RO
29C–29Fh
C0ODTCTRL
Channel 0 ODT Control
00000000h
RO, RW
600–601h
C1DRB0
Channel 1 DRAM Rank
Boundary Address 0
0000h
RW/L,
RO
602–603h
C1DRB1
Channel 1 DRAM Rank
Boundary Address 1
0000h
RW/L,
RO
604–605h
C1DRB2
Channel 1 DRAM Rank
Boundary Address 2
0000h
RW/L,
RO
606–607h
C1DRB3
Channel 1 DRAM Rank
Boundary Address 3
0000h
RW/L,
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com