Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 125 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 125 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation 82G33 Datasheet HTML 128Page - Intel Corporation 82G33 Datasheet HTML 129Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
125
Bit
Access &
Default
Description
46
RO
0b
82Q35, 82Q33, 82G33 GMCH
Internal Graphics Disable (IGD):
0 = There is a graphics engine within this GMCH. Internal Graphics
Device (Device #2) is enabled and all of its memory and I/O
spaces are accessible. Configuration cycles to Device 2 will be
completed within the GMCH. All non-SMM memory and IO accesses
to VGA will be handled based on Memory and IO enables of Device
2 and IO registers within Device 2 and VGA Enable of the PCI to
PCI bridge control register in Device 1 (If PCI Express GFX attach is
supported). A selected amount of Graphics Memory space is pre-
allocated from the main memory based on Graphics Mode Select
(GMS in the GMCH Control Register). Graphics Memory is pre-
allocated above TSEG Memory.
1 = There is no graphics engine within this GMCH. Internal Graphics
Device (Device #2) and all of its memory and I/O functions are
disabled. Configuration cycle targeted to Device 2 will be passed on
to DMI. In addition, all clocks to internal graphics logic are turned
off. All non-SMM memory and IO accesses to VGA will be handled
based on VGA Enable of the PCI to PCI bridge control register in
Device 1. DEVEN [4:3] (Device 0, offset 54h) have no meaning.
Device 2 Functions 0 and 1 are disabled and hidden.
82P35 MCH
Reserved
45
RO
0b
PEG Port x16 Disable (PEGX16D):
0 = Capable of x16 PEG Port.
1 = Not Capable of x16 PEG port, instead PEG limited to x8 and below.
Causes PEG port to enable and train logical lanes 7:0 only. Logical
lanes 15:8 are powered down, and the Max Link Width field of the
Link Capability register reports x8 instead of x16. (in the case of
lane reversal, lanes 15:8 are active and lanes 7:0 are powered
down)
44
RO
0b
PCI Express Port Disable (PEGPD):
0 = There is a PCI Express Port on this GMCH. Device 1 and associated
memory spaces are accessible. All non-SIMM memory and IO
accesses to VGA will be handled based on VGA Enable of the PCI to
PCI bridge control register in Device 1 and VGA settings controlling
internal graphics VGA if internal graphics is enabled.
1 = There is no PCI Express Port on this GMCH. Device 1 and
associated memory and IO spaces are disabled by hardwiring the
D1EN field bit 1 of the Device Enable register (DEVEN Dev 0 Offset
54h). In addition, Next_Pointer = 00h, VGA memory and IO cannot
decode to the PCI Express interface. From a Physical Layer
perspective, all 16 lanes are powered down and the link does not
attempt to train.
43:39
RO
00000b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com