Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 122 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 122 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 437 page
background image
DRAM Controller Registers (D0:F0)
122
Datasheet
5.1.38
SMICMD—SMI Command
B/D/F/Type:
0/0/0/PCI
Address Offset:
CC–CDh
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register enables various errors to generate an SMI DMI special cycle. When an
error flag is set in the ERRSTS register, it can generate an SERR, SMI, or SCI DMI
special cycle when enabled in the ERRCMD, SMICMD, or SCICMD registers,
respectively. Note that one and only one message type can be enabled.
Bit
Access &
Default
Description
15:12
RO
0h
Reserved
11
RW
0b
SMI on (G)MCH Thermal Sensor Trip (TSTSMI):
1 = A SMI DMI special cycle is generated by (G)MCH when the
thermal sensor trip requires an SMI. A thermal sensor trip point
cannot generate more than one special cycle.
0 = Reporting of this condition via SMI messaging is disabled.
10:0
RO
0s
Reserved
5.1.39
SKPD—Scratchpad Data
B/D/F/Type:
0/0/0/PCI
Address Offset:
DC–DFh
Default Value:
00000000h
Access:
RW
Size:
32 bits
This register holds 32 writable bits with no functionality behind them. It is for the
convenience of BIOS and graphics drivers.
Bit
Access &
Default
Description
31:0
RW
00000000h
Scratchpad Data (SKPD): 1 DWord of data storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com