Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 119 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 119 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
119
Bit
Access &
Default
Description
15:4
RW/L
001h
Top of Low Usable DRAM (TOLUD): This register contains bits
31:20 of an address one byte above the maximum DRAM memory
below 4 GB that is usable by the operating system. Address bits 31:20
programmed to 01h implies a minimum memory size of 1 MB.
Configuration software must set this value to the smaller of the
following 2 choices: maximum amount memory in the system minus
ME stolen memory plus one byte or the minimum address allocated
for PCI memory. Address bits 19:0 are assumed to be 0_0000h for
the purposes of address comparison. The Host interface positively
decodes an address towards DRAM if the incoming address is less than
the value programmed in this register.
Note that the Top of Low Usable DRAM is the lowest address above
both Graphics Stolen memory and TSEG. BIOS determines the base of
Graphics Stolen Memory by subtracting the Graphics Stolen Memory
Size from TOLUD and further decrements by TSEG size to determine
base of TSEG. All the Bits in this register are locked in Intel® TXT
mode.
This register must be 64 MB aligned when reclaim is enabled.
3:0
RO
0000b
Reserved
5.1.36
ERRSTS—Error Status
B/D/F/Type:
0/0/0/PCI
Address Offset:
C8–C9h
Default Value:
0000h
Access:
RO, RWC/S
Size:
16 bits
This register is used to report various error conditions via the SERR DMI messaging
mechanism. An SERR DMI message is generated on a zero to one transition of any of
these flags (if enabled by the ERRCMD and PCICMD registers).
These bits are set regardless of whether or not the SERR is enabled and generated.
After the error processing is complete, the error logging mechanism can be unlocked
by clearing the appropriate status bit by software writing a 1 to it.
Bit
Access &
Default
Description
15
RO
0b
Reserved
14
RWC/S
0b
Isochronous TBWRR Run Behind FIFO full (ITCV):
If set, this bit indicates a VC1 TBWRR is running behind, resulting in
the slot timer to stop until the request is able to complete.
If this bit is already set, then an interrupt message will not be sent on
a new error event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com