Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 115 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 115 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
115
5.1.31
TOUUD—Top of Upper Usable Dram
B/D/F/Type:
0/0/0/PCI
Address Offset:
A2–A3h
Default Value:
0000h
Access:
RW/L
Size:
16 bits
This 16 bit register defines the Top of Upper Usable DRAM.
Configuration software must set this value to TOM minus all EP stolen memory if
reclaim is disabled. If reclaim is enabled, this value must be set to (reclaim limit + 1
byte) 64 MB aligned since reclaim limit is 64 MB aligned. Address bits 19:0 are
assumed to be 000_0000h for the purposes of address comparison. The Host interface
positively decodes an address towards DRAM if the incoming address is less than the
value programmed in this register and greater than or equal to 4 GB.
These bits are Intel® TXT lockable.
Bit
Access &
Default
Description
15:0
RW/L
0000h
TOUUD (TOUUD): This register contains bits 35 to 20 of an address
one byte above the maximum DRAM memory above 4 G that is usable
by the operating system. Configuration software must set this value to
TOM minus all EP stolen memory if reclaim is disabled. If reclaim is
enabled, this value must be set to (reclaim limit + 1 byte) 64 MB
aligned since reclaim limit is 64 MB aligned. Address bits 19:0 are
assumed to be 000_0000h for the purposes of address comparison.
The Host interface positively decodes an address towards DRAM if the
incoming address is less than the value programmed in this register
and greater than 4 GB.
All the Bits in this register are locked in Intel® TXT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com