Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 112 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 112 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 108Page - Intel Corporation 82G33 Datasheet HTML 109Page - Intel Corporation 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 437 page
background image
DRAM Controller Registers (D0:F0)
112
Datasheet
5.1.28
SMRAM—System Management RAM Control
B/D/F/Type:
0/0/0/PCI
Address Offset:
9Dh
Default Value:
02h
Access:
RO, RW/L, RW, RW/L/K
Size:
8 bits
The SMRAMC register controls how accesses to Compatible and Extended SMRAM
spaces are treated. The Open, Close, and Lock bits function only when G_SMRAME bit
is set to a 1. Also, the OPEN bit must be reset before the LOCK bit is set.
Bit
Access &
Default
Description
7
RO
0b
Reserved
6
RW/L
0b
SMM Space Open (D_OPEN): When D_OPEN=1 and D_LCK=0, the
SMM space DRAM is made visible even when SMM decode is not
active. This is intended to help BIOS initialize SMM space. Software
should ensure that D_OPEN=1 and D_CLS=1 are not set at the same
time.
5
RW
0b
SMM Space Closed (D_CLS): When D_CLS = 1 SMM space DRAM is
not accessible to data references, even if SMM decode is active. Code
references may still access SMM space DRAM. This will allow SMM
software to reference through SMM space to update the display even
when SMM is mapped over the VGA range. Software should ensure
that D_OPEN=1 and D_CLS=1 are not set at the same time.
4
RW/L/K
0b
SMM Space Locked (D_LCK): When D_LCK is set to 1 then D_OPEN
is reset to 0 and D_LCK, D_OPEN, C_BASE_SEG, H_SMRAM_EN,
TSEG_SZ and TSEG_EN become read only. D_LCK can be set to 1 via
a normal configuration space write but can only be cleared by a Full
Reset. The combination of D_LCK and D_OPEN provide convenience
with security. The BIOS can use the D_OPEN function to initialize SMM
space and then use D_LCK to "lock down" SMM space in the future so
that no application software (or BIOS itself) can violate the integrity of
SMM space, even if the program has knowledge of the D_OPEN
function.
3
RW/L
0b
Global SMRAM Enable (G_SMRAME): If set to a 1, then Compatible
SMRAM functions are enabled, providing 128 KB of DRAM accessible at
the A0000h address while in SMM (ADSB with SMM decode). To
enable Extended SMRAM function this bit has be set to 1. Refer to the
section on SMM for more details. Once D_LCK is set, this bit becomes
read only.
2:0
RO
0b
Compatible SMM Space Base Segment (C_BASE_SEG): This field
indicates the location of SMM space. SMM DRAM is not remapped. It is
simply made visible if the conditions are right to access SMM space,
otherwise the access is forwarded to DMI. Since the (G)MCH supports
only the SMM space between A0000 and BFFFF, this field is hardwired
to 010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com