Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 114 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 114 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation 82G33 Datasheet HTML 116Page - Intel Corporation 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 437 page
background image
DRAM Controller Registers (D0:F0)
114
Datasheet
Bit
Access &
Default
Description
0
RW/L
0b
TSEG Enable (T_EN): Enabling of SMRAM memory for Extended
SMRAM space only. When G_SMRAME = 1 and TSEG_EN = 1, the TSEG
is enabled to appear in the appropriate physical address space. Note that
once D_LCK is set, this bit becomes read only.
5.1.30
TOM—Top of Memory
B/D/F/Type:
0/0/0/PCI
Address Offset:
A0–A1h
Default Value:
0001h
Access:
RO, RW/L
Size:
16 bits
This Register contains the size of physical memory. BIOS determines the memory size
reported to the OS using this Register.
Bit
Access &
Default
Description
15:10
RO
00h
Reserved
9:0
RW/L
001h
Top of Memory (TOM): This register reflects the total amount of
populated physical memory. This is NOT necessarily the highest main
memory address (holes may exist in main memory address map due
to addresses allocated for memory mapped I/O). These bits
correspond to address bits 35:26 (64 MB granularity). Bits 25:0 are
assumed to be 0. All the bits in this register are locked in Intel® TXT
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com