Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 111 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 111 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 107Page - Intel Corporation 82G33 Datasheet HTML 108Page - Intel Corporation 82G33 Datasheet HTML 109Page - Intel Corporation 82G33 Datasheet HTML 110Page - Intel Corporation 82G33 Datasheet HTML 111Page - Intel Corporation 82G33 Datasheet HTML 112Page - Intel Corporation 82G33 Datasheet HTML 113Page - Intel Corporation 82G33 Datasheet HTML 114Page - Intel Corporation 82G33 Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
111
5.1.26
REMAPBASE—Remap Base Address Register
B/D/F/Type:
0/0/0/PCI
Address Offset:
98–99h
Default Value:
03FFh
Access:
RO, RW/L
Size:
16 bits
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
RW/L
3FFh
Remap Base Address [35:26] (REMAPBASE): The value in this
register defines the lower boundary of the Remap window. The Remap
window is inclusive of this address. In the decoder A[25:0] of the
Remap Base Address are assumed to be 0s. Thus, the bottom of the
defined memory range will be aligned to a 64 MB boundary.
When the value in this register is greater than the value programmed
into the Remap Limit register, the Remap window is disabled.
These bits are Intel® TXT lockable or ME stolen Memory lockable.
5.1.27
REMAPLIMIT—Remap Limit Address Register
B/D/F/Type:
0/0/0/PCI
Address Offset:
9A–9Bh
Default Value:
0000h
Access:
RO, RW/L
Size:
16 bits
Bit
Access &
Default
Description
15:10
RO
000000b
Reserved
9:0
RW/L
000h
Remap Limit Address [35:26] (REMAPLMT): The value in this
register defines the upper boundary of the Remap window. The Remap
window is inclusive of this address. In the decoder A[25:0] of the
remap limit address are assumed to be Fhs. Thus the top of the defined
range will be one less than a 64 MB boundary.
When the value in this register is less than the value programmed into
the Remap Base register, the Remap window is disabled.
These Bits are Intel® TXT lockable or ME stolen Memory lockable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com