Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 121 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 121 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 117Page - Intel Corporation 82G33 Datasheet HTML 118Page - Intel Corporation 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
121
5.1.37
ERRCMD—Error Command
B/D/F/Type:
0/0/0/PCI
Address Offset:
CA–CBh
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register controls the (G)MCH responses to various system errors. Since the
(G)MCH does not have an SERR# signal, SERR messages are passed from the (G)MCH
to the ICH over DMI.
When a bit in this register is set, a SERR message will be generated on DMI whenever
the corresponding flag is set in the ERRSTS register. The actual generation of the
SERR message is globally enabled for Device #0 via the PCI Command register.
Bit
Access &
Default
Description
15:12
RO
0h
Reserved
11
RW
0b
SERR on (G)MCH Thermal Sensor Event (TSESERR):
1 = The (G)MCH generates a DMI SERR special cycle when bit 11 of
the ERRSTS is set. The SERR must not be enabled at the same
time as the SMI for the same thermal sensor event.
0 = Reporting of this condition via SERR messaging is disabled.
10
RO
0b
Reserved
9
RW
0b
SERR on LOCK to non-DRAM Memory (LCKERR):
1 = The (G)MCH will generate a DMI SERR special cycle whenever a
processor lock cycle is detected that does not hit DRAM.
0 = Reporting of this condition via SERR messaging is disabled.
8:7
RW
00b
Reserved
6:0
RO
0s
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com