Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 123 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 123 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 119Page - Intel Corporation 82G33 Datasheet HTML 120Page - Intel Corporation 82G33 Datasheet HTML 121Page - Intel Corporation 82G33 Datasheet HTML 122Page - Intel Corporation 82G33 Datasheet HTML 123Page - Intel Corporation 82G33 Datasheet HTML 124Page - Intel Corporation 82G33 Datasheet HTML 125Page - Intel Corporation 82G33 Datasheet HTML 126Page - Intel Corporation 82G33 Datasheet HTML 127Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 437 page
background image
DRAM Controller Registers (D0:F0)
Datasheet
123
5.1.40
CAPID0—Capability Identifier
B/D/F/Type:
0/0/0/PCI
Address Offset:
E0–EAh
Default Value:
00000100000000010B0009h
Access:
RO
Size:
88 bits
Control of bits in this register are only required for customer visible SKU
differentiation.
Bit
Access &
Default
Description
87:79
RO
0s
Reserved
78
RO
0b
82Q35, 82Q33, 82G33 GMCH
Dual Independent Display Disable (DIDD): This bit determines
whether the component is capable of Dual Independent Display
functionality. This functionality requires both functions (0 and 1) to be
visible in the Internal Graphics Device 2. This capability is only
meaningful if the component is capable of Internal Graphics.
Definitions:
• Clone mode – Same Image. Different display timing on each pipe.
• Twin mode – Same Image. Same exact display timings.
Extended Desktop mode – Unique images. Different display timings on
each pipe.
When Device 2 Function 1 is hidden, the second controller and its
associated frame buffer are no longer visible to the Operating System.
The OS thinks our device has only one display controller and stops
supporting Extended Desktop mode.
0 = Capable of Dual Independent Display (independent frame buffers),
Extended Desktop mode is supported.
1 = Not capable of Dual Independent Display. Hardwires bit 4 of the
Device Enable (DEVEN) register (Device 0 Offset 54h) to '0'. Clone
mode and twin mode are still supported (single frame buffer).
82P35 MCH
Reserved
77
RO
0b
Dual Channel Disable (DCD):
0 = Dual channel operation allowed
1 = Only single channel operation allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com