Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 224 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 224 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 220Page - Intel Corporation 82G33 Datasheet HTML 221Page - Intel Corporation 82G33 Datasheet HTML 222Page - Intel Corporation 82G33 Datasheet HTML 223Page - Intel Corporation 82G33 Datasheet HTML 224Page - Intel Corporation 82G33 Datasheet HTML 225Page - Intel Corporation 82G33 Datasheet HTML 226Page - Intel Corporation 82G33 Datasheet HTML 227Page - Intel Corporation 82G33 Datasheet HTML 228Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 437 page
background image
PCI Express* Registers (D1:F0)
224
Datasheet
6.1.49
PVCCAP2—Port VC Capability Register 2
B/D/F/Type:
0/1/0/MMR
Address Offset:
108–10Bh
Default Value:
00000000h
Access:
RO
Size:
32 bits
This register describes the configuration of PCI Express Virtual Channels associated
with this port.
Bit
Access &
Default
Description
31:24
RO
00h
VC Arbitration Table Offset (VCATO): This field indicates the
location of the VC Arbitration Table. This field contains the zero-based
offset of the table in DQWORDS (16 bytes) from the base address of
the Virtual Channel Capability Structure. A value of 0 indicates that
the table is not present (due to fixed VC priority).
23:8
RO
0000h
Reserved
7:0
RO
00h
Reserved
6.1.50
PVCCTL—Port VC Control
B/D/F/Type:
0/1/0/MMR
Address Offset:
10C–10Dh
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
Bit
Access &
Default
Description
15:4
RO
000h
Reserved
3:1
RW
000b
VC Arbitration Select (VCAS): This field will be programmed by
software to the only possible value as indicated in the VC Arbitration
Capability field. Since there is no other VC supported than the default,
this field is reserved.
0
RO
0b
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com