Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 220 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 220 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation 82G33 Datasheet HTML 220Page - Intel Corporation 82G33 Datasheet HTML 221Page - Intel Corporation 82G33 Datasheet HTML 222Page - Intel Corporation 82G33 Datasheet HTML 223Page - Intel Corporation 82G33 Datasheet HTML 224Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 437 page
background image
PCI Express* Registers (D1:F0)
220
Datasheet
Bit
Access &
Default
Description
1
RO
0b
Power Fault Detected (PFD): If a Power Controller that supports
power fault detection is implemented, this bit is set when the Power
Controller detects a power fault at this slot. Note that, depending on
hardware capability, it is possible that a power fault can be detected
at any time, independent of the Power Controller Control setting or
the occupancy of the slot. If power fault detection is not supported,
this bit must not be set.
0
RO
0b
Attention Button Pressed (ABP): If an Attention Button is
implemented, this bit is set when the attention button is pressed. If an
Attention Button is not supported, this bit must not be set.
6.1.44
RCTL—Root Control
B/D/F/Type:
0/1/0/PCI
Address Offset:
BC–BDh
Default Value:
0000h
Access:
RO, RW
Size:
16 bits
This register allows control of PCI Express Root Complex specific parameters. The
system error control bits in this register determine if corresponding SERRs are
generated when our device detects an error (reported in this device's Device Status
register) or when an error message is received across the link. Reporting of SERR as
controlled by these bits takes precedence over the SERR Enable in the PCI Command
Register.
Bit
Access &
Default
Description
15:4
RO
000h
Reserved
3
RW
0b
PME Interrupt Enable (PMEIE):
0 = No interrupts are generated as a result of receiving PME messages.
1 = Enables interrupt generation upon receipt of a PME message as
reflected in the PME Status bit of the Root Status Register. A PME
interrupt is also generated if the PME Status bit of the Root Status
Register is set when this bit is set from a cleared state.
2
RW
0b
System Error on Fatal Error Enable (SEFEE): This bit controls the
Root Complex's response to fatal errors.
0 = No SERR generated on receipt of fatal error.
1 = SERR should be generated if a fatal error is reported by any of the
devices in the hierarchy associated with this Root Port, or by the
Root Port itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com