Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 217 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 217 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 213Page - Intel Corporation 82G33 Datasheet HTML 214Page - Intel Corporation 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation 82G33 Datasheet HTML 220Page - Intel Corporation 82G33 Datasheet HTML 221Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
217
Bit
Access &
Default
Description
10
RO
0b
Power Controller Control (PCC): If a Power Controller is
implemented, this field when written sets the power state of the slot
per the defined encodings. Reads of this field must reflect the value
from the latest write, even if the corresponding hotplug command is
not complete, unless software issues a write without waiting for the
previous command to complete in which case the read value is
undefined.
Depending on the form factor, the power is turned on/off either to the
slot or within the adapter. Note that in some cases the power
controller may autonomously remove slot power or not respond to a
power-up request based on a detected fault condition, independent of
the Power Controller Control setting.
The defined encodings are:
0 = Power On
1 = Power Off
If the Power Controller Implemented field in the Slot Capabilities
register is set to 0b, then writes to this field have no effect and the
read value of this field is undefined.
9:8
RO
01b
Power Indicator Control (PIC): If a Power Indicator is
implemented, writes to this field set the Power Indicator to the written
state. Reads of this field must reflect the value from the latest write,
even if the corresponding hot-plug command is not complete, unless
software issues a write without waiting for the previous command to
complete in which case the read value is undefined.
00 = Reserved
01 = On
10 = Blink
11 = Off
7:6
RO
11b
Attention Indicator Control (AIC): If an Attention Indicator is
implemented, writes to this field set the Attention Indicator to the
written state.
Reads of this field must reflect the value from the latest write, even if
the corresponding hot-plug command is not complete, unless software
issues a write without waiting for the previous command to complete
in which case the read value is undefined. If the indicator is
electrically controlled by chassis, the indicator is controlled directly by
the downstream port through implementation specific mechanisms.
00 = Reserved
01 = On
10 = Blink
11 = Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com