Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 215 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 215 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 211Page - Intel Corporation 82G33 Datasheet HTML 212Page - Intel Corporation 82G33 Datasheet HTML 213Page - Intel Corporation 82G33 Datasheet HTML 214Page - Intel Corporation 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation 82G33 Datasheet HTML 217Page - Intel Corporation 82G33 Datasheet HTML 218Page - Intel Corporation 82G33 Datasheet HTML 219Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 437 page
background image
PCI Express* Registers (D1:F0)
Datasheet
215
6.1.41
SLOTCAP—Slot Capabilities
B/D/F/Type:
0/1/0/PCI
Address Offset:
B4–B7h
Default Value:
00040000h
Access:
RWO, RO
Size:
32 bits
PCI Express Slot related registers allow for the support of Hot Plug.
Bit
Access &
Default
Description
31:19
RWO
0000h
Physical Slot Number (PSN): Indicates the physical slot number
attached to this Port.
18
RWO
1b
No Command Completed Support (NCCS):
1 = This slot does not generate software notification when an issued
command is completed by the Hot-Plug Controller. This bit is only
permitted to be set to 1b if the hotplug capable port is able to
accept writes to all fields of the Slot Control register without
delay between successive writes.
17
RO
0b
Reserved for Electromechanical Interlock Present (EIP):
16:15
RWO
00b
Slot Power Limit Scale (SPLS): This field specifies the scale used
for the Slot Power Limit Value.
00 = 1.0x
01 = 0.1x
10 = 0.01x
11 = 0.001x
If this field is written, the link sends a Set_Slot_Power_Limit
message.
14:7
RWO
00h
Slot Power Limit Value (SPLV): In combination with the Slot Power
Limit Scale value, specifies the upper limit on power supplied by slot.
Power limit (in Watts) is calculated by multiplying the value in this
field by the value in the Slot Power Limit Scale field.
If this field is written, the link sends a Set_Slot_Power_Limit
message.
6
RO
0b
Hot-plug Capable (HPC):
0 = Not Hot-plug capable
1 = Slot is capable of supporting hot-lug operations.
5
RO
0b
Hot-plug Surprise (HPS):
0 = No Hot-plug surprise
1 = An adapter present in this slot might be removed from the
system without any prior notification. This is a form factor
specific capability. This bit is an indication to the operating
system to allow for such removal without impacting continued
software operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com