Electronic Components Datasheet Search
  English  ▼

X  

82G33 Datasheet(PDF) 212 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 212 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 208Page - Intel Corporation 82G33 Datasheet HTML 209Page - Intel Corporation 82G33 Datasheet HTML 210Page - Intel Corporation 82G33 Datasheet HTML 211Page - Intel Corporation 82G33 Datasheet HTML 212Page - Intel Corporation 82G33 Datasheet HTML 213Page - Intel Corporation 82G33 Datasheet HTML 214Page - Intel Corporation 82G33 Datasheet HTML 215Page - Intel Corporation 82G33 Datasheet HTML 216Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 437 page
background image
PCI Express* Registers (D1:F0)
212
Datasheet
6.1.39
LCTL—Link Control
B/D/F/Type:
0/1/0/PCI
Address Offset:
B0–B1h
Default Value:
0000h
Access:
RO, RW, RW/SC
Size:
16 bits
BIOS Optimal Default
0h
This register allows control of PCI Express link.
Bit
Access &
Default
Description
15:9
RO
0000000b
Reserved
8
RO
0b
Enable Clock Power Management (ECPM): Applicable only for form
factors that support a “Clock Request” (CLKREQ#) mechanism, this
enable functions as follows
0 = Disable. Clock power management is disabled and device must
hold CLKREQ# signal low (Default)
1 = Enable. Device is permitted to use CLKREQ# signal to power
manage link clock according to protocol defined in appropriate
form factor specification.
Components that do not support Clock Power Management (as
indicated by a 0b value in the Clock Power Management bit of the Link
Capabilities Register) must hardwire this bit to 0b.
7
RW
0b
Extended Synch (ES):
0 = Standard Fast Training Sequence (FTS).
1 = Forces the transmission of additional ordered sets when exiting the
L0s state and when in the Recovery state.
This mode provides external devices (e.g., logic analyzers) monitoring
the Link time to achieve bit and symbol lock before the link enters L0
and resumes communication.
This is a test mode only and may cause other undesired side effects
such as buffer overflows or underruns.
6
RW
0b
Common Clock Configuration (CCC): The state of this bit affects
the L0s Exit Latency reported in LCAP[14:12] and the N_FTS value
advertised during link training. See PEGL0SLAT at offset 22Ch.
0 = This component and the component at the opposite end of this
Link are operating with asynchronous reference clock.
1 = This component and the component at the opposite end of this
Link are operating with a distributed common reference clock.
5
RW/SC
0b
Retrain Link (RL): This bit always returns 0 when read. This bit is
cleared automatically (no need to write a 0).
0 = Normal operation.
1 = Full Link retraining is initiated by directing the Physical Layer
LTSSM from L0, L0s, or L1 states to the Recovery state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com